Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 56 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 56 Page - ams AG

Back Button PS081 Datasheet HTML 52Page - ams AG PS081 Datasheet HTML 53Page - ams AG PS081 Datasheet HTML 54Page - ams AG PS081 Datasheet HTML 55Page - ams AG PS081 Datasheet HTML 56Page - ams AG PS081 Datasheet HTML 57Page - ams AG PS081 Datasheet HTML 58Page - ams AG PS081 Datasheet HTML 59Page - ams AG PS081 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-33
PSØ81
are not or not perfectly compensated. Mainly in the packaged version of PS081 differences in the
bond wires are not compensated.
Because of the nature of the remaining zero drift, the value of this drift depends on the value of the
strain gage resistor. The lower the strain gage resistor the higher is the remaining drift. E.g. with a
1 kOhm strain gage the zero drift is approximately 1/3 of the drift of a 350 Ohm strain gage with
the same chip.
For best offset drift behavior we recommend the standard full bridge connection. The systematic
offset drift in this mode is approx. ±10 nV/V/K and lies therefore in the 50% limit of OIML 10000.
It is possible to use PS081 in high end scales, please see also Application Note AN018 for further
details.
In all PICOSTRAIN modes the sensor wire resistance is part of the zero drift. To minimize the drift ple-
ase have a close look on the length of these wires to the load cell. The most critical part is normally
the PCB, a few millimeters of missmatch can be well seen in the offset drift. The cable to the load
cell is not as critical because the wires have a much bigger diameter.
A special case is Wheatstone mode. In this mode nearly 100% of the remaining parasitic resistan-
ces are compensated because of the kind of the measurement. Therefore, in Wheatstone mode the
zero drift of PS081 is close to zero and can be improved to < 1 nV/V/K also if the wires are not
matched.
For comparison:
ƒ To comply with OIML 3000 specifications the zero drift of the complete scale must not exceed
133 nV/V/K
ƒ To comply with OIML 10000 specifications the zero drift of the complete scale must not exceed
40 nV/V/K
Following table gives an overview of the typical offset drift of PS081. To get a good idea of the min./
max. values multiply the typical values by the factor of 3. You get a good estimation over the distribu-
tion of a production lot (not a guarantee).
Typical drift in different modes
Mode
350 Ohm SG
1 kOhm SG
OIML 10000
Fullbridge Standard *
±10 nV/V/K
±4 nV/V/K
±40 nV/V/K
Wheatstone
<±1 nV/V/K
<<±1 nV/V/K
±40 nV/V/K
*with cross-matched traces on the PCB, please refer to below explanation.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com