Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 86 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 86 Page - ams AG

Back Button PS081 Datasheet HTML 82Page - ams AG PS081 Datasheet HTML 83Page - ams AG PS081 Datasheet HTML 84Page - ams AG PS081 Datasheet HTML 85Page - ams AG PS081 Datasheet HTML 86Page - ams AG PS081 Datasheet HTML 87Page - ams AG PS081 Datasheet HTML 88Page - ams AG PS081 Datasheet HTML 89Page - ams AG PS081 Datasheet HTML 90Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-29
PSØ81
In the acam-circuits like those of the evaluation-kit or the examples for solar-quattro scales these in-
sights are already put to practice. When building up your own circuit please make sure you follow the
recommendations as they will contribute to a good overall measurement quality.
4.6.2
Voltage Measurement
An internal bandgap reference is used for measuring the voltage. This is done 40 times per second.
The result is stored in the RAM at address 25, UBATT. It is calculated as Voltage = 2.0 V + 1.6 V*
UBATT/64.
The result can be used for low-battery detection:
the level is set in configuration register low_batt[2:0]:
low_batt
0
1
2
3
4
5
6
7
Level (V)
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
Flag flg_ub_low in the status register indicates if the voltage is below the set level .
ƒ Power supply rejection: The measured voltage can be used to correct the dependency of the gain
from the voltage. It is switched on by setting configuration bits mult_en_ub = 1 and mult_ub[7:0].
The result of the strain measurement will be corrected according to HB = HB/(1 + UB*[-128 ...
127]/2^21).
ƒ EEPROM protection: when the voltage is below 2.4 V the automatic EEPROM write (putepr) is
prohibited. This protects the EEPROM against corrupt data.
Caution: If the supply voltage goes below 2.1 V the voltage measurement will be wrong (the dis-
played value is too high) and the measured values cannot be used. In 1.5 V systems there is no
possibility to measure the supply voltage with PSØ81.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com