Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 98 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 98 Page - ams AG

Back Button PS081 Datasheet HTML 94Page - ams AG PS081 Datasheet HTML 95Page - ams AG PS081 Datasheet HTML 96Page - ams AG PS081 Datasheet HTML 97Page - ams AG PS081 Datasheet HTML 98Page - ams AG PS081 Datasheet HTML 99Page - ams AG PS081 Datasheet HTML 100Page - ams AG PS081 Datasheet HTML 101Page - ams AG PS081 Datasheet HTML 102Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
5-11
PSØ81
Configreg_11
RAM address 59
EEPROM bytes 33 - 35
Parameter
Recommended
Value
Description
Settings
io_en_0_sdo
-
Port definition
00 = output
01 = input with pull-up
10 = input with pull down
11 = input
io_en_1_sdi
Port definition
00 = output
01 = input with pull-up
10 = input with pull down
11 = input
io_en_2_sck
Port definition
00 = output
01 = input with pull-up
10 = input with pull down
11 = input
io_en_3_mio
Port definition
00 = output
01 = input with pull-up
10 = input with pull down
11 = input
lcd_standby
LCD status
0 = LCD active
1 = LCD voltage supply in stand-by
lcd_vlt
LCD supply voltage
0 = 2V
1 = 2.5V
2 = 3V
3 = 2V without pump
lcd_fastld
Configures the number of fastload
periods (10ms) with low-resi-
stance voltage divider
lcd_r_const
Defines the cross resistance of
the LCD voltage divider
0 = 30 k
Ω
1 = 50 k
Ω
2 = 200 k
Ω
3 = 800 k
Ω
lcd_swload1k
LCD driver’s voltage doubler uses
1 k
Ω instead of 200 Ω to charge
capacitor
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
0
1
1
0
1
1
0
0
1
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com