Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 84 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 84 Page - ams AG

Back Button PS081 Datasheet HTML 80Page - ams AG PS081 Datasheet HTML 81Page - ams AG PS081 Datasheet HTML 82Page - ams AG PS081 Datasheet HTML 83Page - ams AG PS081 Datasheet HTML 84Page - ams AG PS081 Datasheet HTML 85Page - ams AG PS081 Datasheet HTML 86Page - ams AG PS081 Datasheet HTML 87Page - ams AG PS081 Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-27
PSØ81
Short description of the function:
Coming from total darkness, all capacitors are discharged and the output of U5 is high-Z. The input
voltage of U4 is zero. PS081 is not supplied by voltage. If light is switched on, the current from the
solar panel charges C17 and supplies the voltage detection. The voltage detection (R7,R14,Q1,U3)
is dimensioned so that U1 switches when the voltage at C17 passes 3.5 V. At that moment, the
output of U5 leaves high-Z and goes to the voltage of C17. U4 is supplied with 3.5 V and regulates
to 2.5 V for the PS081. PS081 begins to work. Because all capacitors behind VCC_R have now to
be charged to the voltage at C17, this voltage drops down as only C17 can supply the necessary cur-
rent. The solar panel is to weak for such a high current pulse. The voltage at C17 must not be lower
than 2.55 V. Otherwise U4 cannot regulate 2.5 V for the PS081. C17 is also the buffer capacitor
for low light situation. With the selected dimension under very bad light condition (20 Lux) the scale
can operate for minimum 1 minute if it is well charged before. Therefore 1000 µF is the recom-
mended value for C17 (minimum 680 µF).
Avoid to go below 680 µF. The circuit cannot start up if C17 is too low. The circuit will work with hig-
her values, too, but the start-up time from darkness will increase because the charging time for C17
increases. The circuit is evaluated in detail and it is strongly recommended to follow the recommen-
ded values for a correct operation. For further information, see application note AN022 and design
guide DG_Solar_POR.
4.6.1
Filtering / Recommendations LDO
In most circuits the voltage is regulated by a voltage regulator (LDO, low drop-out regulator). Of
course this component has a noise which basically influences the measurement quality. Therefore it
is crucial to choose suitable LDOs with a low-noise behavior, still keeping in mind that some applica-
tions need a low-current regulator as well. In this section we will give some recommendations which
LDOs to choose.
The critical factor to watch out for is the ‚output noise‘. The noise figures can normally be found in
the datasheet of the LDO and is given as a summary value over the whole frequency range, e.g.
500µV RMS or in dependency of the frequency in µV /
√Hz or as a diagram. A low output noise is
desired, the figures can easily vary by factor 10 (e.g. Linear LT1761-BYP has 20µV RMS (with by-
pass capacitor) vs. TI TPS71501 which has 575µV RMS).
NOTE : We do NOT recommend switching regulators in any case, please use linear voltage
regulators only as per the following recommendations.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com