Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 36 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 36 Page - ams AG

Back Button PS081 Datasheet HTML 32Page - ams AG PS081 Datasheet HTML 33Page - ams AG PS081 Datasheet HTML 34Page - ams AG PS081 Datasheet HTML 35Page - ams AG PS081 Datasheet HTML 36Page - ams AG PS081 Datasheet HTML 37Page - ams AG PS081 Datasheet HTML 38Page - ams AG PS081 Datasheet HTML 39Page - ams AG PS081 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-13
PSØ81
One sequence in this example is made of 4 samples, each made of 4 discharge cycles. So in total 1
measurement takes 16 discharge cycles.
Besides the discharging cycles given by the sample there are additional measurements like gain
compensation or fake measurements for better stability. All those measurements together form in
total then a measurement sequence. In other words, a sequence contains all measurements needed
to get the final result. It also defines the total conversion time. For more details on conversion time
please see the chapters ‚Conversion Time‘ 3.5.5 and ‚Modes‘ 3.5.
Of course, the sample size of averaging dominates the update rate. While the resolution is improved
by a factor 1/
√avrate, the maximum update rate is reduced by the factor avrate.
sample size (avrate) k g
Resolution k
g
Max. update rate m
Also the lowest possible current consumption is influenced by the sample size. It grows by a factor
avrate.
sample size (avrate) kg
Minimum current k
Recommendation: We strongly recommend not to use avrate = 1. In principle it works but the drift
significantly increases and it can be used only for low end resolution applications. The recommended
minimum sample size is avrate = 2. It is also not recommended to use odd numbers at lower avrate
up to 50. E.g., do not use avrate = 7, use instead avrate = 8 or avrate = 6.
Important: At low avrates (<= 32) the factor ps081adjust (Configreg_03, Bit [9:4]) should be set to
2x avrate. Example: avrate = 8 --> set ps081adjust to 16
3.4.6
Resolution and Converter Precision
In this document the terms resolution and converter precision are often used in the same context,
however, there is a difference in their meaning:
ƒ Resolution: refers to the digital value which can be displayed (or resolved) within the chip. This
is basically the HB0 register in a 24-bit format, where the MSB is indicating a negative number
(two‘s complement). Expressed in numbers the result can be shown from -8388608 (0x800000)
to +8388607 (0x7FFFFF). One LSB has thereby the valency of 10nV/V (2mV/V divided by
200,000). Example: at 3V the valency of 1 LSB is 10nV/V x 3V = 30nV.
ƒ Converter Precision (sometimes also refered to as „accuracy“): this is the accuracy given by
the converter, normally defined by the standard deviation or RMS (root mean square) noise. The
value of the precision is normally given in effective number of bits (ENOB). With PS081 an RMS
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com