Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 62 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 62 Page - ams AG

Back Button PS081 Datasheet HTML 58Page - ams AG PS081 Datasheet HTML 59Page - ams AG PS081 Datasheet HTML 60Page - ams AG PS081 Datasheet HTML 61Page - ams AG PS081 Datasheet HTML 62Page - ams AG PS081 Datasheet HTML 63Page - ams AG PS081 Datasheet HTML 64Page - ams AG PS081 Datasheet HTML 65Page - ams AG PS081 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-5
PSØ81
divider factor = 448 + c10_div_lcd
lcd_pulsed[3:0] Automatically pulsed display, especially for stand-by in solar applications
Defines the period between the LCD switch-on as well as the on-time.
00xx
300 ms
blinking period
01xx
600 ms
blinking period
10xx
1 s
blinking period
11xx
2 s
blinking period
xx00
off
on-time
xx01
100 ms
on-time
xx10
200 ms
on-time
xx11
400 ms
on-time
en_noise_C10_lcd
= 0
off
= 1
Adding noise to the divider factor specified in c10_div_lcd.
4.2.2.1
3 V and 2.5 V operation with voltage doubling
Figure 4.1 Charge Pump with voltage doubling
In a first step both capacitors are charged to half the display voltage, 1.5 V or 1.25 V. This voltage
can be seen at pins CPUMP1 and CPUMP3. In a second step both capacitors are switched into
series. Pin CPUMP3 then shows the full LCD voltage while pins CPUMP1 and CPUMP2 show half the
LCD voltage.
4.2.2.2
2 V operation without voltage doubling
Figure 4.2 Charge Pump without voltage doubling
In this mode the LCD voltage is stabilized from an un-stabilized supply voltage charging the capacitor
to the LCD voltage. The supply voltage may not drop below 2 V in this mode.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com