Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 41 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 41 Page - ams AG

Back Button PS081 Datasheet HTML 37Page - ams AG PS081 Datasheet HTML 38Page - ams AG PS081 Datasheet HTML 39Page - ams AG PS081 Datasheet HTML 40Page - ams AG PS081 Datasheet HTML 41Page - ams AG PS081 Datasheet HTML 42Page - ams AG PS081 Datasheet HTML 43Page - ams AG PS081 Datasheet HTML 44Page - ams AG PS081 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-18
1
PSØ81
cyctime
oscillator
sel_start_osz
stretch
single_conversion / continuous
Configuration:
Register 2, Bit 2: single_conversion
single_conversion = 0
Selects continuous mode. In this mode the PSØ81 is continuously
measuring. The 4 MHz oscillator is on continuously. This takes about
130 µA @ 3.0 V.
single_conversion = 1
Selects single conversion mode. In this mode the PSØ81 makes one
complete measurement and then switches off the 4 MHz oscillator for
the duration of the single conversion counter.
stretch
Configuration:
Register 3, Bits 12, 13: stretch
stretch = 0
off
stretch = 1
The 4 MHz oscillator is on only for the duration of a single discharge time measure
ment. The cycle time (time between subsequent discharge time measurements) is
calculated on the basis of the 10 kHz oscillator.
- not recommended -
stretch = 2 or 3
The 4 MHz oscillator is on only for the duration of a single half bridge measure-
ment (two discharge time measurements). The cycle time (time between subse-
quent half bridge time measurements) is calculated on the basis of the 10 kHz
oscillator. The time interval between the two discharge time measurement for a
halfbridge is 200 µs in case stretch = 2 or 300 µs in case stretch = 3
Stretched Mode Settings
In stretched mode there are several parameters which configure the mode, these are:
stretch[13:12] in Configreg_03
cytime[13:4] in Configreg_02
sel_start_osz[19:17] in Configreg_03
single_conversion [2] in Configreg_02
tdc_conv_cnt[23:16] in Configreg_00
Those parameters set the stretch mode. The
following 2 pictures show how the parameters are
applied, one showing the continious stretched the
other the single conversion stretched mode.
Fig. 3.21: Parameters in continious stretched mode
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com