Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 45 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 45 Page - ams AG

Back Button PS081 Datasheet HTML 41Page - ams AG PS081 Datasheet HTML 42Page - ams AG PS081 Datasheet HTML 43Page - ams AG PS081 Datasheet HTML 44Page - ams AG PS081 Datasheet HTML 45Page - ams AG PS081 Datasheet HTML 46Page - ams AG PS081 Datasheet HTML 47Page - ams AG PS081 Datasheet HTML 48Page - ams AG PS081 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-22
1
PSØ81
3.5.7.3
When should an external comparator be used?
There are three reasons for the choice of an external comparator:
a) Very high resolution
The user is looking for the best possible resolution in his application, e.g. in counting scales, high end
legal-for-trade scales.
b) Lowest current
The user is looking for the lowest possible current consumption in his application, e.g. in solar sca-
les. Because of the lower noise, the AVRate can be reduced at a given resolution and therefore the
operating current is reduced. With the bipolar comparator the operating current can be more than
halved compared to the internal comparator.
c) Ultra low voltage
In case the user wants to run his application down to < 2.1 V Vcc, e.g. with 1.55 V silver oxide bat-
teries. Then the bipolar comparator shows significantly better results.
3.5.7.4
Comparator Control
The comparator can be switched on for only the duration of the measurement for current saving
reasons or continuously (con_comp[1:0]). Further, the working resistance of the internal comparator
can be changed (sel_compr[1:0]).
We recommend the following settings:
CON_COMP
= ‘b10 g on during measurement
SEL_COMPR
= ‘b10 g 7k resistor selected
If CON_COMP is set to ‘b11 (on) the comparator needs approx. 130 µA @ 3.0 V of constant cur-
rent.
Capacitors at UCOMP1 and STOP:
The capacitors at UCOMP1 and STOP are important for the low noise figure. For best performance
we recommend 33 µF for C
UCOMP1 and 3.3 nF for CSTOP. For Cucomp1 an ordinary electrolytic capaci-
tor can be used. As C
STOP a X7R capacitor can be used.
In case the internal comparator is used C
UCOMP1 and CSTOP have to be connected as well as the 4.7k
Ohm resistor. Nevertheless, smaller values are possible, too.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com