Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 20 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 20 Page - ams AG

Back Button PS081 Datasheet HTML 16Page - ams AG PS081 Datasheet HTML 17Page - ams AG PS081 Datasheet HTML 18Page - ams AG PS081 Datasheet HTML 19Page - ams AG PS081 Datasheet HTML 20Page - ams AG PS081 Datasheet HTML 21Page - ams AG PS081 Datasheet HTML 22Page - ams AG PS081 Datasheet HTML 23Page - ams AG PS081 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
2-11
PSØ81
QFN56 Recommended Pad Layout
mm
inch
e
=
0.4
0.016
Gmin
=
6.3
0.248
Zmax
=
8.0
0.315
D2’
=
5.4
0.213
Amax
=
5.45
0.215
X
=
0.25
0.010
Y1
=
0.85
0.033
Y2
=
0.75
0.030
Note: Size of ground plane may not be
reduced. It should not contain any vias.
Figure 2.9 Pad Layout
RoHS:
PS081FN in QFN56 is RoHS compliant
Material list:
Lead frame
C194 Cu with PPF finish (NiPdAU)
Die Attach
Ablebond 8600, ABlestik
Bond wires
Gold
Mold
CEL9220HF13H, Hitachi
Marking
Laser
Moisture Sensitivity Level 1 (JEDEC J-STD-020,033)
Reflow Soldering Profile
Average ramp-up rate (TL to Tp)
3 °C/second max.
Preheat
- Temperature Min (TSmin)
140 °C
- Temperature Max (TSmax)
200 °C
- Time (min to max) ts
60 - 120 seconds
Tsmax to TL
- Ramp-up rate
3 °C/second max.
Time maintained above:
- Temperature (TL)
220 °C
- time (tL)
30 seconds
Peak Temperature (Tp)
245 +0 -5 °C
Time within 5°C of actual Peak
10 seconds
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com