Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 79 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 79 Page - ams AG

Back Button PS081 Datasheet HTML 75Page - ams AG PS081 Datasheet HTML 76Page - ams AG PS081 Datasheet HTML 77Page - ams AG PS081 Datasheet HTML 78Page - ams AG PS081 Datasheet HTML 79Page - ams AG PS081 Datasheet HTML 80Page - ams AG PS081 Datasheet HTML 81Page - ams AG PS081 Datasheet HTML 82Page - ams AG PS081 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-22
1
PSØ81
the transmitted data with the EEPROM content. The result is available after 1 ms on the SDO port.
=xFF stands for correct data, 0x00 for wrong data.
An unauthorized person has to test all possible combinations. This will last for 2^64 bits * 10 ns =
5849 years just for one read.
Figure 4.16 Read protection
NOTE: E0, E2...E6 are the lower byte, E1, E3....E7 are the corresponding higher bytes in a word.
User-EEPROM Read Access
The upper 48 bytes of the EEPROM, address 2000 to 2047, are specified as userEEPROM. The
user EEPROM is also accessed word-wise (16 bits) when addressed through the SPI interface. It is
possible to read from these cells by means of opcode userEEPROM_read. userEEPROM_read reads
back one 16 bit word.
Figure 4.17 User-EEPROM read access
EEPROM Write Access
The EEPROM is split into four blocks of 512 bytes or 256 words. The blocks are addressed by the
lowest two bits of the first sent address byte. All write commands are followed by 16 bit data words
with the lower 8 bits to be sent first. Programming is started by a sixth data word and stopped 4 ms
later by a seventh data byte.
It is not possible to write a word into an EEPROM cell that is not empty. So it is not possible to fill up
a word to 0xFFFF (additional measure to protect from unauthorized reading).
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com