Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 95 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 95 Page - ams AG

Back Button PS081 Datasheet HTML 91Page - ams AG PS081 Datasheet HTML 92Page - ams AG PS081 Datasheet HTML 93Page - ams AG PS081 Datasheet HTML 94Page - ams AG PS081 Datasheet HTML 95Page - ams AG PS081 Datasheet HTML 96Page - ams AG PS081 Datasheet HTML 97Page - ams AG PS081 Datasheet HTML 98Page - ams AG PS081 Datasheet HTML 99Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
5-8
1
PSØ81
Configreg_02:
RAM address 50
EEPROM bytes 6 - 8
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
avrate
cytime
1
1
0
Parameter
Recommended
Value
Description
Settings
avrate
-
sample size of internal averaging
> 1
cytime
-
Cycle time in multiples 2 µs (8 * 4 M Hz period, stretch = 0) or of 100
µs (10 kHz period, stretch = 1)
pptemp
1
Enable gain error and temperature
measurement
1 = Enabled
single_conversion
-
Select operation mode
0 = Continous mode
1 = Single conversion mode
auto10k
-
Automatic calibration of the 10 kHz
oscillator every 0.6 s by means of the
4 MHz quartz oscillator
May not be used in stretched
single mode
Configreg_03
RAM address 51
EEPROM bytes 9 - 11
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ps081adjust
0
0
0
1
0
1
0
0
0
0
1
1
0
Parameter
Recommended
Value
Description
Settings
en_wheatestone
-
Enable Wheatestone mode
1 = enabled
stop_osz
-
Stop the oscillator by command (e. g.
if there is no interrupt after AutoOn)
1 = active
sel_start_osz
-
Sets delay from start of 4 MHz oscil-
lator to start of measurement
0 = off
1 = continously on
2 = 100µs
3 = 200µs
4 = 300µs
5 = 400µs
6 & 7 are not supported
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com