Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 54 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 54 Page - ams AG

Back Button PS081 Datasheet HTML 50Page - ams AG PS081 Datasheet HTML 51Page - ams AG PS081 Datasheet HTML 52Page - ams AG PS081 Datasheet HTML 53Page - ams AG PS081 Datasheet HTML 54Page - ams AG PS081 Datasheet HTML 55Page - ams AG PS081 Datasheet HTML 56Page - ams AG PS081 Datasheet HTML 57Page - ams AG PS081 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-31
PSØ81
Figure 3.30 Rp placement
There are several criteria to decide whether a parallel resistor (Rp) should be used or not. Please
find a detailed description in our dedicated Whitepaper WP002. Recommendations of whether the
use of Rp is recommended or not and the size of it is automatically calculated by an Excel-Sheet
available from acam. If it is recommended to add an Rp resistor it can be an ordinary fixed resistor
with no special requirements.
3.6.5
Gain-Drift of PSØ81 itself – Optimization with Mult_PP
The PSØ81 has a very low gain drift of ~ 1ppm/K in case the Mult_PP factor is set properly. The
reason for this gain drift is different than in an A/D-Converter. Because of this, we give some back-
ground information in this section to understand the cause of the gain drift of PSØ81 and also we
give some hints how to measure it properly.
Background: In a classical A/D converter application the temperature drift of the resistors of the
operational amplifier have to match very exactly. A mismatch is seen as gain drift. In PSØ81 the phy-
sical reasons are totally different. PSØ81 has a TD-Converter with no preamplifier.
The gain drift of the PS081 electronics comes mainly from the delay time of the comparator. In
Wheatstone mode the analog multiplexer is part of this delay time and therefore the selected type of
the analog multiplexer affects this value. When setting pptemp = 1 in register 2 the PS081 can mea-
sure the delay by means of the two resistors at ports PSEP1 and PSEP2. The determined correction
factor can be adjusted by factor Mult_PP
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com