Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 33 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 33 Page - ams AG

Back Button PS081 Datasheet HTML 29Page - ams AG PS081 Datasheet HTML 30Page - ams AG PS081 Datasheet HTML 31Page - ams AG PS081 Datasheet HTML 32Page - ams AG PS081 Datasheet HTML 33Page - ams AG PS081 Datasheet HTML 34Page - ams AG PS081 Datasheet HTML 35Page - ams AG PS081 Datasheet HTML 36Page - ams AG PS081 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-10
1
PSØ81
3.4
Capacitor, Cycle Time, Averaging
3.4.1
Load Capacitor (Cload)
The load capacitor is an important part of the circuit and has direct influence on the quality of the
measurement and the temperature stability. Therefore, we recommend the following values and ma-
terials:
insert picture: Cload.gif
Cload can be calculated by = 0.7 x Rsg x Cload
≈ 100 µs – 150 µs
Recommended materials:
ƒ C0G*
for highest accuracy
ƒ CFCAP
good, but not as good as C0G
ƒ X7R
with some minor losses in temperature stability
ƒ Polyester
with some minor losses in temperature stability
We do not recommend the use of ZOG capacitors !
* C0G capacitor up to 100nF are available by Murata GRM31 series
** Multi layer ceramic capacitor from Taiyo Yuden
Note:
C0G capacitors are definitely the best choice for high end applications (e.g. 6000 divisions (or
higher) legal-for-trade scales). CFCAP are also a good choice for high end scales and legal-for-trade
scales. For consumer scales X7R are the first choice because of their low cost. But they introduce
additional gain drift at lower temperatures ( < +5 °C ).
For consumer applications also a lot of other capacitors are well suited (e.g. Polyester).
3.4.2
Cycle Time (cytime)
The cycle time is the time interval between subsequent discharge time measurements. It covers the
discharge time and the time to charge again Cload. Following figure illustrates this relation.
Figure 3.12 Cycle time
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com