Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 76 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 76 Page - ams AG

Back Button PS081 Datasheet HTML 72Page - ams AG PS081 Datasheet HTML 73Page - ams AG PS081 Datasheet HTML 74Page - ams AG PS081 Datasheet HTML 75Page - ams AG PS081 Datasheet HTML 76Page - ams AG PS081 Datasheet HTML 77Page - ams AG PS081 Datasheet HTML 78Page - ams AG PS081 Datasheet HTML 79Page - ams AG PS081 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-19
PSØ81
Status[05]= flg_io1_sdi_r Rising edge
Status[04]= flg_io0_sdo_r Rising edge
Status[03]= flg_io3_mio_f Falling edge
Status[02]= flg_io2_sck_f Falling edge
Status[01]= flg_io1_sdi_f Falling edge
Status[00]= flg_io0_sdo_f Falling edge
4.4.5.2
More than 4 inputs, no outputs
The status of the inputs can be queried from the status registers at RAM address 26 to 28.
The status information is updated every time the program jumps into the EEPROM (bug fix PSØ8).
Status_F, address 26:
Falling edges status
Status_R, address 27:
Rising edges status
Status_P, address 28:
Pressed edges status
Bit:
20
19 18
17
16 15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Input: 05 15 04 25 14 03
35
24
13
02
45
34
23
12
01
5
4
3
2
1
0
If two inputs are active at the same time, the PSØ81 handles this like an additional button. E.g., if
buttons MULT_IO3 and MULT_IO4 are high at the same time, then bit [14] will be set in Status_R and
Status_P. This allows the use of up to 21 buttons (see below).
4.5
SPI-Interface
4.5.1
Interfacing
The SPI interface is used to write the program, configuration and calibration data into the EEPROM.
It can further be used to operate the PSØ81 as a pure converter chip by means of an external mi-
crocontroller. In this case the pull-down resistors are no longer necessary.
Pulling SPI_ENA high switches the SPI interface on, the pins are used for the SPI interface and no
longer as I/O ports. It is necessary to send a positive pulse on the CSN line before each opcode.
Figure 4.12 SPI interfacing
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com