Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 85 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 85 Page - ams AG

Back Button PS081 Datasheet HTML 81Page - ams AG PS081 Datasheet HTML 82Page - ams AG PS081 Datasheet HTML 83Page - ams AG PS081 Datasheet HTML 84Page - ams AG PS081 Datasheet HTML 85Page - ams AG PS081 Datasheet HTML 86Page - ams AG PS081 Datasheet HTML 87Page - ams AG PS081 Datasheet HTML 88Page - ams AG PS081 Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-28
1
PSØ81
Recommendations:
Table 4.4 LDO Recommendations
LDO
Features
Low-pass filter
Applications
Torex XC2206
medium noise, low cur-
rent
use good low-pass filter
Solar
Micrel MC5205
medium noise, cheap
solution
use medium low-pass
filter
Low-cost solutions
Linear LT1761-BYP
very low noise, costly
solution
use standard low-pass
filter
High-end applications
TI TPS71501
very high noise
-
NOT RECOMMENDED!!!
Of course this list is far away from being complete. It shall just give some recommendations accor-
ding to our experience in practical tests. Basically every low-noise, low-current LDO is suitable to use.
Caution: Please do NOT use the TI TPS71501 LDO as we saw major problems due to the noise of
this regulator!
The additional low-pass filtering can help to reduce the noise getting through to the chip. Different
types of low-pass filters can be used before decoupling the voltages:
Figure 4.21 Example for a good low pass filtering
The good low-pass filter can reduce the noise coming from the LDO so that in combination with the
decoupling of the voltages supplying the PS081 are widely noise-free or at least minimized. If the noi-
se from the LDO is lower (like with the Linear or Micrel type i.e.) a simpler lowpass filter can be used,
like the following:
Figure 4.22 Example for medium and standard low pass filtering
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com