Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 51 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 51 Page - ams AG

Back Button PS081 Datasheet HTML 47Page - ams AG PS081 Datasheet HTML 48Page - ams AG PS081 Datasheet HTML 49Page - ams AG PS081 Datasheet HTML 50Page - ams AG PS081 Datasheet HTML 51Page - ams AG PS081 Datasheet HTML 52Page - ams AG PS081 Datasheet HTML 53Page - ams AG PS081 Datasheet HTML 54Page - ams AG PS081 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-28
1
PSØ81
PS081 can correct uncompensated load cells (cells without a gain compensation resistor Rspan),
too. It therefore uses the temperature measurement information instead of the Rspan value. This
mode is activated by setting rspan_by_temp = 1 in register 1. Again, the adjustments are done by
means of factors Mult_TKO and Mult_TKG. The accuracy of this compensation depends mainly on the
accuracy and Tk of the resistors used for the temperature measurement. Improvements by a fac-
tor 6 to 8 compared to the uncompensated load cell can be achieved. This is normally sufficient for
making a simple temperature correction for commercial scales. For high-end scales or legal for trade
scales we recommend to use an ordinary Rspan in combination with the here described Mult_TkG
and Mult_TkO method.
In application note AN021 we describe the method of the temperature compensation by the means
of 2 resistors (Rspan_by_temp) and the scope of its use in detail.
3.6.3
Annotations Rspan
PICOSTRAIN needs only one Rspan resistor. As the common mode rejection ratio (CMRR) of the
PICOSTRAIN products is nearly infinite (up to 135dB) there is no need to use two Rspan resistors.
Indeed, PICOSTRAIN can not handle bridges with two Rspan resistors.
The easiest is to use load cells which natively have only 1 Rspan resistor. Nevertheless, if you want
to make a first tests with a load cell which has 2 Rspan you simply can shortcut one of them in the
following manner:
Figur 3.27 Shortcut Rspan
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com