Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 83 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 83 Page - ams AG

Back Button PS081 Datasheet HTML 79Page - ams AG PS081 Datasheet HTML 80Page - ams AG PS081 Datasheet HTML 81Page - ams AG PS081 Datasheet HTML 82Page - ams AG PS081 Datasheet HTML 83Page - ams AG PS081 Datasheet HTML 84Page - ams AG PS081 Datasheet HTML 85Page - ams AG PS081 Datasheet HTML 86Page - ams AG PS081 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-26
1
PSØ81
4.6
Power Supply
For a good measurement quality it is mandatory to follow some rules for the power supply.
There are several supply areas in the chip, VCC_LOAD, VCC_CORE and VCC_LCD. It is necessary to
feed them with voltages decoupled by low-pass filters. Furhter, those pins need sufficient blocking
capacitance mounted close to the chip.
Figure 4.21 Power supply
In case of solar applications without any additional battery it is necessary to implement a power-up
circuit. It provides a good start-up behaviour when the scale comes from total darkness. A solar
panel delivers only a few microampere at poor light conditions and still has to start up the circuit.
The following figure shows a power-up circuit that is optimized for kitchen scales. To start up the
scale it needs only about 3 µA @ 3.6 V. For other applications it might be necessary to change some
values of the components.
Figure 4.22 Power-up Circuit
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com