Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 46 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 46 Page - ams AG

Back Button PS081 Datasheet HTML 42Page - ams AG PS081 Datasheet HTML 43Page - ams AG PS081 Datasheet HTML 44Page - ams AG PS081 Datasheet HTML 45Page - ams AG PS081 Datasheet HTML 46Page - ams AG PS081 Datasheet HTML 47Page - ams AG PS081 Datasheet HTML 48Page - ams AG PS081 Datasheet HTML 49Page - ams AG PS081 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-23
PSØ81
Recommended values:
C
UCOMP1: not below 1 µF
C
STOP:
lower than Cucomp1/3000
Example:
C
UCOMP1 = 1 µF
à
C
STOP < 1 µF/3000
à
330 pF selected.
The noise will slightly increase by about 0.3 – 0.5 Bit.
3.5.7.5
Correction of Comparator Delay
The focus of the comparator performance is on ultra low noise, and therefore it has a delay which
cannot be neglected. This delay depends on temperature and results in a gain error which is too
high for precise weight scale applications. The two resistors Rtemp and Rref are used to measure
the delay time periodically during the operation. The PSØ81 corrects the measuring result with the
measured delay.
The delay of the comparator depends on the value of C
UCOMP1 and CSTOP. Because these values can
be changed by the user there is a possibility to adjust the correction routine by the register Mult_
PP[7:0]. A good value for the recommended C
UCOMP1 and CSTOP values (33 µF and 3.3 nF) is Mult_PP
= 1.28 (160 or 0xA3). If the capacitor values are increased, the correct Mult_PP value has to be
higher or vice versa. If the selected Mult_PP value is too low the gain will decrease with higher tem-
perature or lower voltage.
At the correct value of Mult_PP the gain of the electronic is absolutely stable over a very wide tempe-
rature and voltage range. The temperature drift of the gain is <1ppm/K. The power supply rejection
ratio (PSRR) is >130 dB. See also section 3.6.2.
3.5.8
Temperature Measurement
PS081 has the possibility to measure the temperature by means of an external, temperature depen-
dent resistor. The temperature information can be used to correct the gain drift of uncompensated
load cells. This we call rspan-by-temp compensation.
Temperature measurement is done by measuring the ratio of the discharge times of two resistors,
Rtemp and Rref, a temperature dependent one and a temperature stable one. The change of the
ratio is used by an implemented hardware algorithm to correct the gain drift of an uncompensated
load cell. Of course, the temperature coefficient of the resistor pair needs to match the load cell’s
temperature coefficient. This can be done by a factor TKGain (configreg_08), which scales the result
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com