Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 42 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 42 Page - ams AG

Back Button PS081 Datasheet HTML 38Page - ams AG PS081 Datasheet HTML 39Page - ams AG PS081 Datasheet HTML 40Page - ams AG PS081 Datasheet HTML 41Page - ams AG PS081 Datasheet HTML 42Page - ams AG PS081 Datasheet HTML 43Page - ams AG PS081 Datasheet HTML 44Page - ams AG PS081 Datasheet HTML 45Page - ams AG PS081 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-19
PSØ81
tdc_conv_cnt
cyctime
The cyctime-parameter defines the time waited for the next discharging. By the parameter stretch,
the time between 2 discharging cycles can be defined. The parameter sel_start_osz defines what
time the oscillator is started before the discharging cycles are coming.
Fig. 3.22: Stretched in Single Conversion
Basically in Single Conversion Stretched mode the parameters remain the same. But tdc_conv_cnt
defines additionally the time between measurement sequences.
3.5.4
Mode Selection Criteria
Table 3.1 Mode Selection criteria
Applications
Mode
Parameters
Description
Highest resolution with no
current limitation
Standard mode for all ap-
plications with > 500 µA
current capability
Continuous
mode
single_conversion = 0
stretch = 0
Continuously measuring,
4 MHz oscillator on all the
time
High resolution but lower
current
Stretched
continuous
mode
single_conversion = 0
stretch = 2 or 3
cycle time =
cytime*100µs
Continuously measuring. 4
MHz oscillator on only during
the discharge time measure-
ment.
Lowest current consumption
Mechanically stable applica-
tions like pressure sensors
Single
conversion
mode
single_conversion = 1
stretch = 0
option with lowest current
consumption, undersampling
-> no suppression of me-
chanical vibrations
High resolution but low cur-
rent,
e.g. battery driven legal-
for-trade scales with 3000
divisions
Stretched
mode
single_conversion = 0
stretch = 2
cycle time =
cytime*100µs
option with low current con-
sumption and oversampling
for suppression of mechani-
cal vibrations.
High resolution but lowest
current,
e.g. solar scales
Stretched
single
conversion
mode
single_conversion = 1
stretch = 2 or 3
cycle time =
cytime*100µs
option with very low current
consumption and overs-
ampling for suppression of
mechanical vibrations.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com