Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 12 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 12 Page - ams AG

Back Button PS081 Datasheet HTML 8Page - ams AG PS081 Datasheet HTML 9Page - ams AG PS081 Datasheet HTML 10Page - ams AG PS081 Datasheet HTML 11Page - ams AG PS081 Datasheet HTML 12Page - ams AG PS081 Datasheet HTML 13Page - ams AG PS081 Datasheet HTML 14Page - ams AG PS081 Datasheet HTML 15Page - ams AG PS081 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
2-3
PSØ81
2.4
Converter Precision
Table 2.4 Performance at Vcc = 3.3V with external comparator
ENOB dR/R strain resistance
Frequency
(Hz)
No filter
SINC3
SINC5
500
23.8
24.8
25.2
250
24.4
25.2
25.7
100
25.2
25.8
26.1
50
25.5
26.2
26.5
20
26.0
26.8
27.0
10
26.6
27.4
27.7
5
27.2
27.9
28.3
Table 2.5 Performance at Vcc = 3.3V with external comparator, related to 2 mV/V strain (weigh scale)
Resolution @ 2 mV/V max. out, Fast settle*
Frequency
(Hz)
ENOB
Divisions
Noise nV
Noise nV
effective
rms
peak-peak
500
14.8
28,000
231
1,386
250
15.4
44,000
148
891
100
16.2
74,000
89
535
50
16.5
95,000
69
416
20
17.0
133,000
49
297
10
17.6
200,000
33
198
5
18.2
294,000
22
135
* Fast settle = without filter
Table 2.6 Performance at Vcc = 3.3V with external comparator, related to 2mV/V strain (weigh scale)
With SINC3 and SINC5 filter (rolling average of 3 respectively 5)
Resolution @ 2 mV/V max. out,
SINC3 Filter
Resolution @ 2 mV/V max. out, SINC5
Filter
Frequency
(Hz)
ENOB Divisions Noise nV Noise nV ENOB Divisions
Noise nV Noise nV
effective
rms
peak-peak
effective
rms
peak-peak
500
15.8
55,000
118
713
16.2
74,000
89
535
250
16.2
74,000
89
535
16.7
105,000
62
376
100
16.8
114,000
57
347
17.1
142,000
46
277
50
17.2
153,000
42
257
17.5
181,000
36
218
20
17.8
222,000
29
178
18.0
266,000
24
149
10
18.4
344,000
19
115
18.7
416,000
15
95
5
18.9
476,000
13
83
19.3
625,000
10
63
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com