Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 55 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 55 Page - ams AG

Back Button PS081 Datasheet HTML 51Page - ams AG PS081 Datasheet HTML 52Page - ams AG PS081 Datasheet HTML 53Page - ams AG PS081 Datasheet HTML 54Page - ams AG PS081 Datasheet HTML 55Page - ams AG PS081 Datasheet HTML 56Page - ams AG PS081 Datasheet HTML 57Page - ams AG PS081 Datasheet HTML 58Page - ams AG PS081 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-32
1
PSØ81
The delay depends on the value of the low-pass capacitor which is parallel to the collector resistor of
the comparator transistor. We recommend 3.3 kOhm for the collector resistor and 3.3 nF for the
parallel capacitor. If this capacitor is changed, the optimum Mult_PP factor changes, too. This is the
main dependency of Mult_PP from the hardware, besides the general selection between external and
internal comparator.
Optimizing Gain Drift with Mult_PP
With our hardware recommendations the system has a remaining gain error of approximately
8 ppm/K if Mult_PP is set to 1.0 or not used. This remaining gain error can be reduced to < 1 ppm
by choosing the right Mult_PP factor.
Once established during the development phase, this value can be used for the whole series produc-
tion. It is definitely not necessary to adjust every single electronic.
Note:
The gain drift of the PS081 itself is very close to zero. The remaining gain drift comes mainly from
the nonlinear part of the delay time of the comparator. This nonlinear part itself results mainly from
the low-pass filter behind the first stage of the comparator (3.3 kOhm || 3.3 nF). It can be significant-
ly reduced by the Mult_PP value. Because the low pass filter can be reproduced very accurately also
the compensation is very stable over production and needs no adjustment.
With the recommended hardware we determined following Mult_PP factors:
ƒ Wheatstone bridge with external comparator and analog mux TS5A3160 (TI) :
1.28
ƒ Wheatstone bridge with external comparator and analog mux 74LVC1G3157(TI) :
1.14
ƒ PICOSTRAIN standard wiring, external comparator, our recommended values:
1.28
For Wheatstone Mode we recommend TS5A3160 because it has a good behavior also at lower sup-
ply voltages < 2.7 V, but 74LVC1G3157 is a good choice, too, for supply voltages of 3.0 V or higher.
If own hardware settings are used, especially if the low pass filter is changed, the MULT_PP factor
may change and has to be determined. The value for this hardware setting is valid for the whole pro-
duction and is independent from production batches. For more details see application note AN018.
3.6.6
Zero Drift of PS081 itself
Also the zero drift of the PS081 originates from a reason other than the drift of an AD-Converter.
The reason of the remaining zero drift of our PICOSTRAIN products are parasitic resistor paths that
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com