Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 34 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 34 Page - ams AG

Back Button PS081 Datasheet HTML 30Page - ams AG PS081 Datasheet HTML 31Page - ams AG PS081 Datasheet HTML 32Page - ams AG PS081 Datasheet HTML 33Page - ams AG PS081 Datasheet HTML 34Page - ams AG PS081 Datasheet HTML 35Page - ams AG PS081 Datasheet HTML 36Page - ams AG PS081 Datasheet HTML 37Page - ams AG PS081 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-11
PSØ81
Cycle Time
fixed
The discharge time is given by the value of the strain gage resistor and the given capacitor Cload.
The recommended discharge time is in the range of 80 to 150 µs (at 3.3V). The charge time has to
be long enough to provide a full recharge of Cload and is typically 30% of the cycle time. If the cycle
time is set too small (in the range of the discharge time or smaller) an overflow will occur.
The cycle time is set in register 2, cytime[13:4]. The cycle time is normally generated by the high
speed clock and can be set in steps of 2 µs. The only exception is the “Stretched Mode” (see chapter
‚Modes‘ 3.5) where the cycle time is generated by the internal 10 kHz oscillator and therefore confi-
gurable in steps of 100 µs.
Example:
cytime[13:4] = 80
à
80 x 2 µs = 160 µs cycle time in all modes except stretched mode
cytime[13:4] = 10
à
10 x 100 µs = 1 ms cycle time in stretched mode
The recommended minimum cycle time setting is 1.4 times the discharge time. E.g. 140 µs if the
discharge time is 100 µs.
3.4.3
Cycle Time in Stretched Mode
In stretched mode the parameter cyctime has a special function. In this case, it does NOT define the
time of discharging + charging, instead it defines the time between 2 discharging cycles in multiples
of 100 µs:
Figure 3.13: Cycle time in streched mode
There are several parameters to adjust in stretched mode. Please have a look at Stretched Mode
settings in section 3.5.3.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com