Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 11 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 11 Page - ams AG

Back Button PS081 Datasheet HTML 7Page - ams AG PS081 Datasheet HTML 8Page - ams AG PS081 Datasheet HTML 9Page - ams AG PS081 Datasheet HTML 10Page - ams AG PS081 Datasheet HTML 11Page - ams AG PS081 Datasheet HTML 12Page - ams AG PS081 Datasheet HTML 13Page - ams AG PS081 Datasheet HTML 14Page - ams AG PS081 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
2-2
1
PSØ81
Table 2.1 Maximum Ratings
2
Characteristics and Specifications
2.1
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min
Max
Unit
Vcc
Vcc_load
Vcc_osc
Vcc_LCD
Supply voltage
Vcc vs. GND
-0.5
5.0
V
Vin
DC input voltage
-0.5
Vcc + 0.5
V
ESD Rating
FICDM
All pins
2
kV
Tstg
Storage Temperature
Plastic package
-55
150
°C
2.2
Normal Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
Vcc
Vcc_load
Vcc_osc
Vcc_LCD
Supply voltage
Vcc vs. GND
(* without EEPROM programming,
voltage measurement and LCD)
2.1
(1.5*)
3.6**
V
Vin
DC input voltage
0.0
Vcc
V
Vout
Output voltage
0.0
Vdd
V
Top
Operating temperature
-40
125
°C
Tstg
Storage temperature
Plastic package
-55
150
°C
2.3
Electrical Characterization
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
Vil
Input low voltage
CMOS
0.3Vcc
V
Vih
Input high voltage
CMOS
0.7Vcc
Vhyst
Input hysteresis
Vcc = 3.6 V
Vcc = 3.0 V
Vcc = 2.7 V
Vcc = 2.2 V
Vcc = 1.8 V
400
280
225
150
80
mV
Voh
Output high voltage
0.8
V
Vol
Output low voltage
0.2Vcc
V
Vlbat
Low battery voltage detect
2.2
2.9
V
LCD_COM
LCD_SEG
LCD driver Voltage stabilized
lcd_vlt = 0
lcd_vlt = 1
lcd_vlt = 2
2.0
2.5
3.0
V
Iq
Quiescent current
No oscillator, no TDC
150
nA
Iosc
Current 4 MHz oscillator
continuously on
Vcc = 3.6 V
Vcc = 3.0 V
Vcc = 2.1 V
200
130
65
µA
Table 2.2 Operating Conditions
Table 2.3 Electrical Characterization
** 4.5 V for highest resolution within limited temperature range
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com