Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 38 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 38 Page - ams AG

Back Button PS081 Datasheet HTML 34Page - ams AG PS081 Datasheet HTML 35Page - ams AG PS081 Datasheet HTML 36Page - ams AG PS081 Datasheet HTML 37Page - ams AG PS081 Datasheet HTML 38Page - ams AG PS081 Datasheet HTML 39Page - ams AG PS081 Datasheet HTML 40Page - ams AG PS081 Datasheet HTML 41Page - ams AG PS081 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-15
PSØ81
instead of 2mV/V. Then this corresponds to a reduction by factor 2, which is 1-bit, so the ENOB is
17.7 bit in this case.
The effective resolution (ENOB) is also reduced when Wheatstone connection is used instead of
PICOSTRAIN connection. The reason for that is the reduction of the strain by 1/3 because when
discharging over 1 strain gage of the bridge the other 3 strain gages are in parallel and lower the
extension/strain of the gage to measure. Expressed in ENOB the reduction is -0.6 bit.
3.5
Modes and Timings
The PS081 has 3 basic operating modes as well as combinations of them. They are related to the
sampling frequency and the active time of the 4 MHz oscillator. Therefore, the selection has influence
on the stability of the result and the current consumption.
The basic modes are:
ƒ Continuous Mode
ƒ Single Conversion Mode
ƒ Stretched Mode
3.5.1
Continuous Mode
Figure 3.16 Continuous mode
The chip is making continuously discharge time measurements. The oscillator is on all the time.This
mode is the choice for applications targeting highest resolution. It is the standard mode for all appli-
cations that allow a current consumption > 500 µA.
3.5.2
Single Conversion Mode
Figure 3.17 Single conversion mode
The chip makes a complete measurement sequence and then goes to sleep mode. The oscillator is
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com