Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 92 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 92 Page - ams AG

Back Button PS081 Datasheet HTML 88Page - ams AG PS081 Datasheet HTML 89Page - ams AG PS081 Datasheet HTML 90Page - ams AG PS081 Datasheet HTML 91Page - ams AG PS081 Datasheet HTML 92Page - ams AG PS081 Datasheet HTML 93Page - ams AG PS081 Datasheet HTML 94Page - ams AG PS081 Datasheet HTML 95Page - ams AG PS081 Datasheet HTML 96Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
5-5
PSØ81
Parameter
Register
Bits
Recommended
Value
ps081adjust
3
4...9
33
ps_sel_calper
3
10
0
ps_speed
16
12,13
0
rspan_by_temp
1
8
run_la_cont
16
4
0
sel_compint
11
2
sel_compr
0
14,15
0
sel_qha
16
7...9
2
sel_speed_mh
16
5
0
sel_start_osz
3
17...19
sense_discharge
16
10
1
single_conversion
2
2
speed_talu
1
23
0
spi_delay
17
21...23
3
stop_osz
3
20
0
stretch
3
12,13
tdc_conv_cnt
0
16...23
tdc_sleepmode
1
17
use_10kHz_lcd
16
18
1
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com