Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 29 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 29 Page - ams AG

Back Button PS081 Datasheet HTML 25Page - ams AG PS081 Datasheet HTML 26Page - ams AG PS081 Datasheet HTML 27Page - ams AG PS081 Datasheet HTML 28Page - ams AG PS081 Datasheet HTML 29Page - ams AG PS081 Datasheet HTML 30Page - ams AG PS081 Datasheet HTML 31Page - ams AG PS081 Datasheet HTML 32Page - ams AG PS081 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
3-6
1
PSØ81
For Wheatstone bridges an additional external analog switch is needed. We recommend TS5A3160
because it has a good behavior even at supply voltages lower than 2.7 V. For supply voltages of 3.0 V
or higher 74LVC1G3157 is a good choice, too.
Note:
In Wheatstone mode the system looses 0.6 bit of resolution. Because of this, Wheatstone connec-
tion is only recommended for applications with long wires (> 1 m) and for first tests if you don’t want
to modify your load cell wiring.
The bridge setting is 1 (register 3, bridge[1:0] = 1).
The multiplication factors must have opposite sign, e.g. Mult_Hb1 = +1, Mult_Hb2 = -1.
If the Wheatstone bridge has a gain compensation resistor (Rspan) the standard setting for TKGain
is 0.75 (ConfigReg08). The factor 0.75 doesn’t modify the span compensation behavior of the load
cell. In any case “Mod_Rspan” has to be set to 1 (ConfigReg01, Bit 6)
To avoid reflections in the Wheatstone bridge we do strongly recommend the use of ferrite cores.
They are placed in the two lines which are connected directly to PS081. Ordinary (SMD-)ferrite cores
with a damping of 100Ohm @ 100MHz with a low DC resistance (<0.1Ohm) can be used. As a con-
sequence a lower offset drift and better EMI behavior can be expected.
Caution:
Only Wheatstone bridges with one Rspan or without Rspan (uncompensated) can be used. PICOS-
TRAIN cannot work properly with Wheatstone bridges that have two Rspan.
3.3.5
Wheatstone Bridge
Figure 3.7 Connecting a Wheaston bridge
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com