Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 63 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 63 Page - ams AG

Back Button PS081 Datasheet HTML 59Page - ams AG PS081 Datasheet HTML 60Page - ams AG PS081 Datasheet HTML 61Page - ams AG PS081 Datasheet HTML 62Page - ams AG PS081 Datasheet HTML 63Page - ams AG PS081 Datasheet HTML 64Page - ams AG PS081 Datasheet HTML 65Page - ams AG PS081 Datasheet HTML 66Page - ams AG PS081 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-6
1
PSØ81
> 5cm 5 to 3 cm
< 3 cm
big
medium small
Configuration:
Config.bit
big medium small Function
lcd_fastld[1:0]
3
2
1
Configures the number of fastload periods
(10ms) with low-ohmic voltage divider
lcd_swload1k
1
1
1
0 = charge capacitors by 200 Ohm resistors
1 = charge capacitors by 1 kOhm resistors
not relevant in direct drive mode
4.2.2.3
Direct Drive
A third option is to drive the LCD directly from the power supply without regulation. Therefore no
external capacitors are needed and the output drivers are set low resistive.
lcd_r_const
= 0
(10 kOhm).
lcd_vlt[1:0]
= 0
2.0 V
Nonetheless, it might be helpful to have 1 µF capacitors at CPUMP1 and CPUMP2 for better noise
reduction, as shown in figure 4.2.
In Direct Drive mode it is recommended to use an LCD frequency as low as possible, e.g.
lcd_freq = 1. The direct drive mode is generally the recommended operation mode for driving
an LCD with the internal LCD-driver.
4.2.2.4
LCD Output Driver Configuration
The internal resistance of the output drivers can be adopted to the size of the display. By this means
the current consumption can be optimized. The size of the display influences
• The inner resistance of the drivers
• The minimum charge time of the charge pump
• The reload time of the display
Figure 4.3 LCD
Segmentsize
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com