Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 77 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 77 Page - ams AG

Back Button PS081 Datasheet HTML 73Page - ams AG PS081 Datasheet HTML 74Page - ams AG PS081 Datasheet HTML 75Page - ams AG PS081 Datasheet HTML 76Page - ams AG PS081 Datasheet HTML 77Page - ams AG PS081 Datasheet HTML 78Page - ams AG PS081 Datasheet HTML 79Page - ams AG PS081 Datasheet HTML 80Page - ams AG PS081 Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-20
1
PSØ81
4.5.2
SPI Timing
Here we describe only the SPI timing for operation as a pure converter that communicates with an
external microcontroller. PSØ81 supports only 1 mode out of 4 possible ones:
Clock Phase Bit = 1, Clock Polarity Bit = 0
Data transfer with the falling edge of the clock. The clock starts from low.
Figure 4.13 SPI timing
Table 4.4 SPI Timings
Time:
Description:
t
min [ns]
tpwssn
Pulse width SSN
500
tsussn
Setup time SSN / SCK
500
tpwh
Pulse width SCK high
500
tpwl
Pulse width SCK low
500
tsud
Setup time data
30
thd
Hold time data
30
tpwh and tpwl together define the clock frequency of the SPI interface. Consequently, 1µs corres-
ponds to a clock rate of 1 MHz to run the SPI transmission. After sending a reset through the SPI,
it is necessary to wait for 200 µs before sending the next opcode. If auto-configuration is on, it is
necessary to wait for 1 ms. After writing to the RAM via SPI it is necessary to wait for 10 µs.
4.5.3
SPI - Instructions
4.5.3.1
RAM Access
RAM Write
= b00000000
= h00
RAM Read
= b01000000
= h40
New_LCD
= b01000110
= h46
Power reset
= b11110000
= hF0
Init reset
= b11000000
= hC0
Start_new_cycle = b11001100
= hCC
(continuous)
Start_TDC_cycle = b11001110
= hCE
(single conversion)
watch_dog_off
= b10011110
= h9E
watch_dog_on
= b10011111
= h9F
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com