Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 61 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 61 Page - ams AG

Back Button PS081 Datasheet HTML 57Page - ams AG PS081 Datasheet HTML 58Page - ams AG PS081 Datasheet HTML 59Page - ams AG PS081 Datasheet HTML 60Page - ams AG PS081 Datasheet HTML 61Page - ams AG PS081 Datasheet HTML 62Page - ams AG PS081 Datasheet HTML 63Page - ams AG PS081 Datasheet HTML 64Page - ams AG PS081 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
4-4
1
PSØ81
4.2.2
LCD-Power supply
The PSØ81 has an integrated charge pump to double and stabilize the voltage for driving 3 V and
2.5 V LCD displays. 2 V displays need no voltage doubling. The choice for the external capacitors
depends on the size or capacitance of the display.
Configuration:
Register 11: lcd_standby, lcd_vlt
Register 16: en_noise_lcd, lcd_direct_drive, use_10kHz_lcd
Register 17: lcd_pulsed, c10_div_lcd
lcd_standby
The display has a stand-by mode. I this mode the display is switched off, but
the voltage generation is switched high resistive. So it is possible to switch on
the display very fast. This might be helpful in auto-on mode.
= 0
LDC on
= 1
Standby
lcd_vlt[1:0]
Selection of LCD supply voltage
= 0
2.0 V
= 1
2.5 V
= 2
3.0 V
= 3
2.0 V without voltage doubling
lcd_directdrive
LCD direct drive selection
= 0
off
= 1
LCD is driven directly from Vcc without regulation and charge pump.
This reduces the LCD current and should be used in solar applications.
lcd_dis_chargm
1 =
Suppresses the recharging of the charge pump capacitors during a
measurement.
This option is reasonable only in stretched modes (here
it is recommended) and single conversion mode (at low internal avera-
ging (avrate < 10), the time between measurements must be sufficient
to recharge the capacitors, duty 1:3).
This option works only in combination with a pulsed 4 MHz oscillator
use_10kHz_lcd
1 =
Select the low power 10 kHz oscillator for the LCD charge pump.
1 = recommended
0 =
Charge pump clock derived from 4 MHz, divider can be set in the ran-
ge 480 to 512. The selection avoids a fixed relation between charge
pump and measurement and therefore reduced distortions of the mea-
surement.
c10_div_lcd[5:0]
5 bit divider factor for deriving the 10kHz from the 4 MHz in continuous
mode.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com