Electronic Components Datasheet Search
  English  ▼

X  

PS081 Datasheet(PDF) 127 Page - ams AG

Part # PS081
Description  Single Chip Solution for Strain Gauges
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PS081 Datasheet(HTML) 127 Page - ams AG

Back Button PS081 Datasheet HTML 123Page - ams AG PS081 Datasheet HTML 124Page - ams AG PS081 Datasheet HTML 125Page - ams AG PS081 Datasheet HTML 126Page - ams AG PS081 Datasheet HTML 127Page - ams AG PS081 Datasheet HTML 128Page - ams AG PS081 Datasheet HTML 129Page - ams AG PS081 Datasheet HTML 130Page - ams AG PS081 Datasheet HTML 131Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 155 page
background image
acam-messelectronic gmbh - Friedrich-List-Str.4 - D-76297 Stutensee-Blankenloch - Germany - www.acam.de
6-24
1
PSØ81
no2lcdAccu
Covert 6 digits to LCD code
Syntax:
no2lcd p1,p2
Parameters:
p1 = ACCU[x]
p1 = ACCU[Y]
Calculus:
-
Flags affected:
-
Bytes:
3
Cycles:
subroutine call
Description:
Converts the 6 digits of the decimal number in register x into 7-segment code.
The position of the decimal point is determined with p2. Leading zeros before the
decimal point are cleared.
The conversion result is directly written to the LCD register 61-62
Use this opcode in combination with ‚newlcd‘.
Category:
LCD display
nop
No operation
Syntax:
-
Parameters:
-
Calculus:
-
Flags affected:
-
Bytes:
1
Cycles:
1
Description:
Placeholder code or timing adjust (no function)
Category:
Miscellaneous
nor
Logic NOR
Syntax:
nor p1,p2
Parameters:
p1 = ACCU [x,y,z,r]
p2 = ACCU [x,y,z,r] or 24-Bit number
Calculus:
p1 := p1 nor p2
returns only 1 in case of bit combination 0 / 0
Flags affected:
S Z
Bytes:
2 (p1=ACCU, p2=ACCU)
5 (p1=ACCU, p2=NUMBER)
Cycles:
3 (p1=ACCU, p2=ACCU)
6 (p1=ACCU, p2=NUMBER)
Description:
Logic NOR (negated OR) of the 2 given registers
Logic NOR (negated OR) of register with constant
Category:
Logic
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com