Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 339 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 339 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 335Page - Microchip Technology LAN9250 Datasheet HTML 336Page - Microchip Technology LAN9250 Datasheet HTML 337Page - Microchip Technology LAN9250 Datasheet HTML 338Page - Microchip Technology LAN9250 Datasheet HTML 339Page - Microchip Technology LAN9250 Datasheet HTML 340Page - Microchip Technology LAN9250 Datasheet HTML 341Page - Microchip Technology LAN9250 Datasheet HTML 342Page - Microchip Technology LAN9250 Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 339
LAN9250
14.8.17
1588 USER MAC ADDRESS LOW-DWORD REGISTER (1588_USER_MAC_LO)
This read/write register combined with the 1588 User MAC Address High-WORD Register (1588_USER_MAC_HI)
forms the 48-bit user defined MAC address. The Auxiliary MAC address can be enabled for each protocol via their
respective User Defined MAC Address Enable bit in the 1588 Port RX Parsing Configuration Register (1588_RX-
_PARSE_CONFIG).
Offset:
150h
Size:
32 bits
Bank:
na
Bits
Description
Type
Default
31:0
User MAC Address Low (USER_MAC_LO)
This field contains the low 32 bits of the user defined MAC address used for
PTP packet detection.
Note:
The host S/W must not change this field while the 1588 Enable
(1588_ENABLE) bit in 1588 Command and Control Register
(1588_CMD_CTL) is set.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com