Electronic Components Datasheet Search
  English  ▼

X  

LAN9250 Datasheet(PDF) 340 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 340 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 336Page - Microchip Technology LAN9250 Datasheet HTML 337Page - Microchip Technology LAN9250 Datasheet HTML 338Page - Microchip Technology LAN9250 Datasheet HTML 339Page - Microchip Technology LAN9250 Datasheet HTML 340Page - Microchip Technology LAN9250 Datasheet HTML 341Page - Microchip Technology LAN9250 Datasheet HTML 342Page - Microchip Technology LAN9250 Datasheet HTML 343Page - Microchip Technology LAN9250 Datasheet HTML 344Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 421 page
background image
LAN9250
DS00001913A-page 340
 2015 Microchip Technology Inc.
14.8.18
1588 BANK PORT GPIO SELECT REGISTER (1588_BANK_PORT_GPIO_SEL)
Offset:
154h
Size:
32 bits
Bank:
na
Bits
Description
Type
Default
31:11
RESERVED
RO
-
10:8
GPIO Select (GPIO_SEL[2:0])
This field specifies which GPIO the various GPIO x registers will access.
R/W
000b
7:3
RESERVED
RO
-
2:0
Bank Select (BANK_SEL[2:0]
This field specifies which bank of registers is accessed.
000: Port General
001: Port RX
010: Port TX
011: GPIOs
1xx: Reserved
R/W
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com