Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 48 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 48 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 44Page - fujitsu semiconductor MB91155 Datasheet HTML 45Page - fujitsu semiconductor MB91155 Datasheet HTML 46Page - fujitsu semiconductor MB91155 Datasheet HTML 47Page - fujitsu semiconductor MB91155 Datasheet HTML 48Page - fujitsu semiconductor MB91155 Datasheet HTML 49Page - fujitsu semiconductor MB91155 Datasheet HTML 50Page - fujitsu semiconductor MB91155 Datasheet HTML 51Page - fujitsu semiconductor MB91155 Datasheet HTML 52Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 105 page
background image
MB91F155A/MB91155/MB91154
48
4.
PPG Timer
The PPG timer can output highly accurate PWM waveforms efficiently.
This device contains six PPG timer channels and its features are as follows :
• Each channel consists of a 16-bit down counter, a 16-bit data register attached with a frequency setting buffer,
a 16-bit compare register attached with a duty setting buffer, and a pin controller.
• The count clock for the 16-bit down counter can be selected from the following four types :
Internal clocks
φ, φ/4, φ/16, and φ/64
• The counter value can be initialized by reset or counter borrow to “FFFFH.”
• PWM output (by channel)
• DMA transfer can be invoked by interrupt.
• Block Diagram (Entire configuration)
4
External TRG 0 to 3
External TRG4
External TRG5
16-bit reload timer
channel 0
General control
register 1
(Factor selection)
16-bit reload timer
channel 1
General control
register 2
4
PWM0
PWM1
PWM2
PWM3
PWM4
PWM5
TRG input
PWM timer channel 0
TRG input
PWM timer channel 1
TRG input
PWM timer channel 2
TRG input
PWM timer channel 3
TRG input
PWM timer channel 4
TRG input
PWM timer channel 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com