Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 96 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 96 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 92Page - fujitsu semiconductor MB91155 Datasheet HTML 93Page - fujitsu semiconductor MB91155 Datasheet HTML 94Page - fujitsu semiconductor MB91155 Datasheet HTML 95Page - fujitsu semiconductor MB91155 Datasheet HTML 96Page - fujitsu semiconductor MB91155 Datasheet HTML 97Page - fujitsu semiconductor MB91155 Datasheet HTML 98Page - fujitsu semiconductor MB91155 Datasheet HTML 99Page - fujitsu semiconductor MB91155 Datasheet HTML 100Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 105 page
background image
MB91F155A/MB91155/MB91154
96
(9) DMA Controller Timing
(VCC
= 3.15 V to 3.6 V, VSS = AVSS = 0 V, TA = 0 °C to +70 °C)
Parameter
Symbol
Pin name
Condition
Value
Unit Remarks
Min
Max
DREQ input pulse width
tDRWH
DREQ0 to DREQ2
2 tCYC
ns
DACK delay time
(typical bus)
(typical DRAM)
tCLDL
CLK
DACK0 to DACK2
6ns
tCLDH
6ns
DEOP delay time
(typical bus)
(typical DRAM)
tCLEL
CLK
DEOP0 to DEOP2
6ns
tCLEH
6ns
DACK delay time
(Single Dram)
(Hyper Dram)
tCHDL
CLK
DACK0 to DACK2
n
/ 2 × tCYC ns
tCHDH
6ns
DEOP delay time
(Single Dram)
(Hyper Dram)
tCHEL
CLK
DEOP0 to DEOP2
n
/ 2 × tCYC ns
tCHEH
6ns
CLK
VOL
VOL
VOH
VOH
VIH
VIH
tCLEL
tCLDL
tCLEH
tCLDH
tCHDH
tCHDL
tCHEL
tDRWH
VOH
VOL
VOL
VOH
tcyc
DACK0 to DACK2
DEOP0 to DEOP2
(Typical bus)
(Typical DRAM)
DACK0 to DACK2
DEOP0 to DEOP2
( Single DRAM )
( Hyper DRAM )
DREQ0 to DREQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com