Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 97 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 97 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 93Page - fujitsu semiconductor MB91155 Datasheet HTML 94Page - fujitsu semiconductor MB91155 Datasheet HTML 95Page - fujitsu semiconductor MB91155 Datasheet HTML 96Page - fujitsu semiconductor MB91155 Datasheet HTML 97Page - fujitsu semiconductor MB91155 Datasheet HTML 98Page - fujitsu semiconductor MB91155 Datasheet HTML 99Page - fujitsu semiconductor MB91155 Datasheet HTML 100Page - fujitsu semiconductor MB91155 Datasheet HTML 101Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 105 page
background image
MB91F155A/MB91155/MB91154
97
6.
A/D Converter Electrical Characteristics
(VCC
= 3.15 V to 3.6 V, VSS = AVSS = 0 V, TA = 0 °C to +70 °C)
Notes :
• The smaller the |AVRH| is, the greater the error is in general.
• The external circuit output impedance of analog input should be used in compliance with the following
requirements :
External circuit output impedance
≤ 2 (kΩ)
If the output impedance of the external circuit is too high, an analog voltage sampling duration shortage
might occur. (Sampling duration
= 1.4 µs : @33 MHz)
Parameter
Sym-
bol
Pin
name
Condition
Value
Unit
Re-
marks
Min
Typ
Max
Resolution


10
Bit
Conversion time

5.1

µs
Total error

AVCC
= 3.3 V,
AVRH
= 3.3 V

±4.0
LSB
Linearity error

±3.5
LSB
Differential linearity error

±2.0
LSB
Zero transition error
VOT
AN0 to
AN7
AVCC
= 3.3 V,
AVRH
= 3.3 V
AVSS
− 1.5 AVSS + 0.5 AVSS + 2.5 LSB
Full-scale transition error
VFST
AN0 to
AN7
AVRH
− 5.5 AVRH − 1.5 AVRH + 0.5 LSB
Analog input current
IAIN
AN0 to
AN7
0.1
10
µA
Analog input voltage
VAIN
AN0 to
AN7
AVSS
AVRH
V
Reference voltage
AVRH
AVRH

AVCC
V
Supply
current
Conversion
in operation
IA
AVCC
AVCC
= 3.3 V
3.0
5.0
mA
Conversion
stopped
IAH

5.0
µA
Reference
voltage
supply
current
Conversion
in operation
IR
AVRH
AVCC
= 3.3 V,
AVRH
= 3.3 V
2.0
3.0
mA
Conversion
stopped
IRH

10
µA
Interchannel variation
AN0 to
AN7

4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com