Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 88 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 88 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 84Page - fujitsu semiconductor MB91155 Datasheet HTML 85Page - fujitsu semiconductor MB91155 Datasheet HTML 86Page - fujitsu semiconductor MB91155 Datasheet HTML 87Page - fujitsu semiconductor MB91155 Datasheet HTML 88Page - fujitsu semiconductor MB91155 Datasheet HTML 89Page - fujitsu semiconductor MB91155 Datasheet HTML 90Page - fujitsu semiconductor MB91155 Datasheet HTML 91Page - fujitsu semiconductor MB91155 Datasheet HTML 92Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 105 page
background image
MB91F155A/MB91155/MB91154
88
(2) Clock Output Timing
(VCC
= 3.15 V to 3.6 V, VSS = AVSS = 0 V, TA = 0 °C to +70 °C)
*1 : tCYC is a frequency for 1clock cycle including a gear cycle.
Use the doublur when CPU frequency is above 25 MHz.
*2 : Rating at a gear cycle of
× 1
When a gear cycle of 1/2, 1/4, 1/8 is selected, substitute “n” in the following equations wiht 1/2, 1/4, 1/8,
respectively.
• Min : (1−n/2) × tCYC−10
• Max : (1−n/2) × tCYC+10
Select a gear sysle of
× 1 when using the doublur.
*3 : Rating at a gear cycle of
× 1
When a gear cycle of 1/2, 1/4, 1/8 selected, substitute “n” in the following equations wiht 1/2, 1/4, 1/8,
respectively.
• Min : n/2 × tCYC−10
• Max : n/2 × tCYC+10
Select a gear sysle of
× 1 when using the doublur.
Parameter
Symbol
Pin
name
Condition
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
CLK
tCP
ns
*1
tCPB
On using doubla
CLK
↑→CLK↓
tCHCL
CLK
tCYC/2
−10
tCYC/2
+10
ns
*2
CLK
↓→CLK↑
tCLCH
CLK
tCYC/2
−10
tCYC/2
+10
ns
*3
VOL
VOH
VOH
CLK
tCYC
tCHCL
tCLCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com