Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 54 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 54 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 50Page - fujitsu semiconductor MB91155 Datasheet HTML 51Page - fujitsu semiconductor MB91155 Datasheet HTML 52Page - fujitsu semiconductor MB91155 Datasheet HTML 53Page - fujitsu semiconductor MB91155 Datasheet HTML 54Page - fujitsu semiconductor MB91155 Datasheet HTML 55Page - fujitsu semiconductor MB91155 Datasheet HTML 56Page - fujitsu semiconductor MB91155 Datasheet HTML 57Page - fujitsu semiconductor MB91155 Datasheet HTML 58Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 105 page
background image
MB91F155A/MB91155/MB91154
54
6.
Bit Search Module
The module searches data written to the input register for “0” or “1” or a “change” and returns the detected bit
position.
• Block Diagram
• Register List
Address
decoder
Detection
mode
Input latch
Changing one detection into data
Bit search circuit
Search results
000003F0H
000003F1H
000003F2H
000003F3H
000003F4H
000003F5H
000003F6H
000003F7H
000003F8H
000003F9H
000003FAH
000003FBH
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
(W)
(R/W)
(W)
BSD0
bit 16
bit 31
Address
bit 0
Initial value
BSD1
BSDC
000003FCH
000003FDH
000003FEH
000003FFH
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
XXXXXXXXB
(R)
BSRR
() : Access
R/W : Read/Write enabled
R : Read only
W : Write only
X
: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com