Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 71 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 71 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 67Page - fujitsu semiconductor MB91155 Datasheet HTML 68Page - fujitsu semiconductor MB91155 Datasheet HTML 69Page - fujitsu semiconductor MB91155 Datasheet HTML 70Page - fujitsu semiconductor MB91155 Datasheet HTML 71Page - fujitsu semiconductor MB91155 Datasheet HTML 72Page - fujitsu semiconductor MB91155 Datasheet HTML 73Page - fujitsu semiconductor MB91155 Datasheet HTML 74Page - fujitsu semiconductor MB91155 Datasheet HTML 75Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 105 page
background image
MB91F155A/MB91155/MB91154
71
16. FLASH Memory
The MB91F155A contains a 510-Kbyte (4 Mbits) flash memory. The sectors can be erased all at once or sector
by sector and that can be written with the FR-CPU by half word (16 bits) using a single 0.3 V power supply.
The MB91F155 accomplishes the following functions by a combination of the flash memory macro and the FR-
CPU interface circuit :
• Functions as the CPU program/data storage memory :
When used as a ROM, the memory is accessible with a 32-bit bus width.
Allows the CPU to read from/write to/erase the memory (automatic program algorithm*) .
• Functions equivalent to the stand-alone MBM29LV400C flash memory product :
Allows a ROM programmer to read from/write to/erase the memory (automatic program algorithm*)
At this time, using the flash memory from the FR-CPU is described. For detailed information about using the
flash memory from the ROM programmer, refer to the ROM programmer instruction manual.
* : Automatic program algorithm
= Embedded AlgorithmTM
Embedded AlgorithmTM is a trademark of Advanced Micro Devices, Inc.
• Block Diagram
RDY/BUSY
Rising edge detection
Flash memory
Control signal
generation
RESET
BYTE
OE
WE
CE
FA18 - 0
Address buffer
FR-C bus (instructions/data)
Data buffer
CA18 - 0
INTE
RDYINT
RDY
WE
CD31 - 0
DI15 - 0
DO31 - 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com