Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 82 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 82 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 78Page - fujitsu semiconductor MB91155 Datasheet HTML 79Page - fujitsu semiconductor MB91155 Datasheet HTML 80Page - fujitsu semiconductor MB91155 Datasheet HTML 81Page - fujitsu semiconductor MB91155 Datasheet HTML 82Page - fujitsu semiconductor MB91155 Datasheet HTML 83Page - fujitsu semiconductor MB91155 Datasheet HTML 84Page - fujitsu semiconductor MB91155 Datasheet HTML 85Page - fujitsu semiconductor MB91155 Datasheet HTML 86Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 105 page
background image
MB91F155A/MB91155/MB91154
82
2.
Recommended Operating Conditions
(VSS
= AVSS = 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
3.15
3.6
V
During normal operations.
2.0
3.6
The RAM state is retained
when stopped.
Analog supply voltage
AVCC
VSS
+ 3.15
VSS
+ 3.6
V
Analog reference voltage
(High potential side)
AVRH
AVCC
− 0.3
AVCC
V
Analog reference voltage
(Low potential side)
AVRL
AVSS
AVSS
+ 0.3
V
Operating temperature
TA
0
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com