Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 30Page - fujitsu semiconductor MB91155 Datasheet HTML 31Page - fujitsu semiconductor MB91155 Datasheet HTML 32Page - fujitsu semiconductor MB91155 Datasheet HTML 33Page - fujitsu semiconductor MB91155 Datasheet HTML 34Page - fujitsu semiconductor MB91155 Datasheet HTML 35Page - fujitsu semiconductor MB91155 Datasheet HTML 36Page - fujitsu semiconductor MB91155 Datasheet HTML 37Page - fujitsu semiconductor MB91155 Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 105 page
background image
MB91F155A/MB91155/MB91154
34
(Continued)
Factor
Interrupt No.
Interrupt
level
Offset
Default TBR
address
Decimal
Hex.
UART3 (sending complete)
34
22
ICR18
374H
000FFF74H
I2C
35
23
ICR19
370H
000FFF70H
DMAC (End, Error)
36
24
ICR20
36CH
000FFF6CH
Reload timer 0
37
25
ICR21
368H
000FFF68H
Reload timer 1
38
26
ICR22
364H
000FFF64H
Reload timer 2
39
27
ICR23
360H
000FFF60H
Reload timer 3
40
28
ICR24
35CH
000FFF5CH
A/D (sequential type)
42
2A
ICR26
354H
000FFF54H
PPG0
43
2B
ICR27
350H
000FFF50H
PPG1
44
2C
ICR28
34CH
000FFF4CH
PPG2
45
2D
ICR29
348H
000FFF48H
PPG3
46
2E
ICR30
344H
000FFF44H
PPG4
47
2F
ICR31
340H
000FFF40H
PPG5
48
30
ICR32
33CH
000FFF3CH
U/Dcounter 0
(compare/underflow, overflow, up-down
inversion)
49
31
ICR33
338H
000FFF38H
U/Dcounter 1
(compare/underflow, overflow, up-down
inversion
50
32
ICR34
334H
000FFF34H
ICU0 (Read)
51
33
ICR35
330H
000FFF30H
ICU1 (Read)
52
34
ICR36
32CH
000FFF2CH
ICU2 (Read)
53
35
ICR37
328H
000FFF28H
ICU3 (Read)
54
36
ICR38
324H
000FFF24H
OCU0 (Match)
55
37
ICR39
320H
000FFF20H
OCU1 (Match)
56
38
ICR40
31CH
000FFF1CH
OCU2 (Match)
57
39
ICR41
318H
000FFF18H
OCU3 (Match)
58
3A
ICR42
314H
000FFF14
OCU4/5 (Match)
59
3B
ICR43
310H
000FFF10H
OCU6/7 (Match)
60
3C
ICR44
30CH
000FFF0CH
Reserved for the system
61
3D
308H
000FFF08H
16-bit free-run timer
62
3E
ICR46
304H
000FFF04H
Delay interrupt factor bit
63
3F
ICR47
300H
000FFF00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com