Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 92 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 92 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 88Page - fujitsu semiconductor MB91155 Datasheet HTML 89Page - fujitsu semiconductor MB91155 Datasheet HTML 90Page - fujitsu semiconductor MB91155 Datasheet HTML 91Page - fujitsu semiconductor MB91155 Datasheet HTML 92Page - fujitsu semiconductor MB91155 Datasheet HTML 93Page - fujitsu semiconductor MB91155 Datasheet HTML 94Page - fujitsu semiconductor MB91155 Datasheet HTML 95Page - fujitsu semiconductor MB91155 Datasheet HTML 96Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 105 page
background image
MB91F155A/MB91155/MB91154
92
(7) Normal Bus Access and Read/Write Operations
(VCC
= 3.15 V to 3.6 V, VSS = AVSS = 0 V, TA = 0 °C to +70 °C)
*1 : If the bus is extended with either automatic wait insertion or RDY input, add the (tCYC
× the number of extended
cycles) time to this value.
*2 : This is the value at the time of (gear cycle
× 1) .
When the gear cycle is set to 1/2, 1/4 or 1/8, substitute “n” in the following formula with 1/2, 1/4 or 1/8 respectively.
Formula : (2
− n / 2) × tCYC − 40
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Max
CS 0 - CS3 delay time
tCHCSL
CLK
CS0 to CS3
15
ns
CS 0 - CS3 delay time
tCHCSH
15
ns
Address delay time
tCHAV
CLK
A23 to A00
15
ns
Data delay time
tCHDV
CLK
D31 to D16
15
ns
RD delay time
tCLRL
CLK
RD
10
ns
RD delay time
tCLRH
10
ns
WR0 - WR1 delay time
tCLWL
CLK
WR0 to WR1
10
ns
WR0 - WR1 delay time
tCLWH
10
ns
Valid address
→
valid data input time
tAVDV
A23 to A00
D31 to D16
3
/ 2 ×
tCYC
− 40
ns
*1, *2
RD
↓ → valid data input time
tRLDV
RD
D31 to D16
tCYC
− 25
ns
*1
Data setup
→ RD ↑ time
tDSRH
25
ns
RD
↑ → Rdata hold time
tRHDX
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com