Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 69 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 69 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 65Page - fujitsu semiconductor MB91155 Datasheet HTML 66Page - fujitsu semiconductor MB91155 Datasheet HTML 67Page - fujitsu semiconductor MB91155 Datasheet HTML 68Page - fujitsu semiconductor MB91155 Datasheet HTML 69Page - fujitsu semiconductor MB91155 Datasheet HTML 70Page - fujitsu semiconductor MB91155 Datasheet HTML 71Page - fujitsu semiconductor MB91155 Datasheet HTML 72Page - fujitsu semiconductor MB91155 Datasheet HTML 73Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 105 page
background image
MB91F155A/MB91155/MB91154
69
15. I2C Interface
The I2C interface is a serial I/O port that supports the Inter IC BUS and operates as a master/slave device on
the I2C bus.
• Features of the I2C Interface
Contains one I2C interface channel.
The interface has the following features :
• Master/slave send and receive
• Arbitration function
• Clock synchronization function
• Slave address/general call address detection function
• Transfer direction detection function
• Repeated generation and detection of start conditions
• Bus error detection function
• Register List
• Bus control register (IBCR)
• Bus status register (IBSR)
• Address register (IADR)
• Clock control register (ICCR)
• Data register (IDAR)
R/W : Read/Write enabled, R : Read only,
 : Not in use, X : Undefined
Address
Initial value
0000-0120H
00000000B
Address
Initial value
0000-0121H
00000000B
Address
Initial value
0000-0122H
- XXXXXXXB
Address
Initial value
0000-0123H
- - 0XXXXXB
Address
Initial value
0000-0125H
XXXXXXXXB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
BER
BEIE
SCC
MSS
ACK
GCAA
INTE
INT
RR
R
R
RR
R
R
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
BB
RSC
AL
LRB
TR
AAS
GCA
FBT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
A6
A5
A4
A3
A2
A1
A0

R/W
R/W
R/W
R/W
R/W
R/W
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0

EN
CS4
CS3
CS2
CS1
CS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com