Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 76 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 76 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 72Page - fujitsu semiconductor MB91155 Datasheet HTML 73Page - fujitsu semiconductor MB91155 Datasheet HTML 74Page - fujitsu semiconductor MB91155 Datasheet HTML 75Page - fujitsu semiconductor MB91155 Datasheet HTML 76Page - fujitsu semiconductor MB91155 Datasheet HTML 77Page - fujitsu semiconductor MB91155 Datasheet HTML 78Page - fujitsu semiconductor MB91155 Datasheet HTML 79Page - fujitsu semiconductor MB91155 Datasheet HTML 80Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 105 page
background image
MB91F155A/MB91155/MB91154
76
18. 8/16-bit Up/Down Counters/Timers
This is the up/down counter/timer block consisting of six event input pins, two 8-bit up/down counters, two 8-bit
reload/compare registers, and their control circuits.
The features of this module are as follows :
• Capable of counting in the (0) d- (256) d range by the 8-bit count register.
(In 16-bit
× 1 operating mode, the register can count in the (0) d- (65535) d range.)
• Four count modes to choose from by the count clock.
• In timer mode the count clock can be selected from two internal clock types.
• In up/down count mode an external pin input signal detection edge can be selected.
• The phase-difference count mode is suitable for encoder counting, such as of motors. Rotation angles, rotating
speeds, and so on can be counted accurately and easily by inputting the output of phases A, B, and Z.
• Two types of function to choose from for the ZIN pin. (Enabled in all modes)
• Equipped with compare and reload functions which can be used individually or in combination. When combined,
these functions can count up/down at any width.
• The immediately preceding count direction can be identified by the count direction flag.
• Capable of individually controlling interrupt generation when comparison results match, at occurrence of reload
(underflow) or overflow, or when the count direction changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com