Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 95 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 95 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 91Page - fujitsu semiconductor MB91155 Datasheet HTML 92Page - fujitsu semiconductor MB91155 Datasheet HTML 93Page - fujitsu semiconductor MB91155 Datasheet HTML 94Page - fujitsu semiconductor MB91155 Datasheet HTML 95Page - fujitsu semiconductor MB91155 Datasheet HTML 96Page - fujitsu semiconductor MB91155 Datasheet HTML 97Page - fujitsu semiconductor MB91155 Datasheet HTML 98Page - fujitsu semiconductor MB91155 Datasheet HTML 99Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 105 page
background image
MB91F155A/MB91155/MB91154
95
(9) Hold Timing
(VCC
= 3.15 V to 3.6 V, VSS = AVSS = 0 V, TA = 0 °C to +70 °C)
Note : More than one cycle exist after BRQ is fetched and before BGRNT changes.
Parameter
Symbol
Pin
name
Condition
Value
Unit
Remarks
Min
Max
BGRNT delay time
tCHBGL
CLK
BGRNT
10
ns
BGRNT delay time
tCHBGH
10
ns
Pin floating
→ BGRNT ↓ time
tXHAL
BGRNT
tCYC
− 10
tCYC
+ 10
ns
BGRNT
↑ → Pin valid time
tHAHV
tCYC
− 10
tCYC
+ 10
ns
CLK
VOH
VOH
VOL
High impedance
VOH
tCHBGL
tXHAL
tHAHV
tCHBGH
tcyc
VOH
BRQ
BGRNT
Each pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com