Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 35 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 35 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 31Page - fujitsu semiconductor MB91155 Datasheet HTML 32Page - fujitsu semiconductor MB91155 Datasheet HTML 33Page - fujitsu semiconductor MB91155 Datasheet HTML 34Page - fujitsu semiconductor MB91155 Datasheet HTML 35Page - fujitsu semiconductor MB91155 Datasheet HTML 36Page - fujitsu semiconductor MB91155 Datasheet HTML 37Page - fujitsu semiconductor MB91155 Datasheet HTML 38Page - fujitsu semiconductor MB91155 Datasheet HTML 39Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 105 page
background image
MB91F155A/MB91155/MB91154
35
(Continued)
* : REALOS/FR uses 0X40 and 0X41 interrupts for system codes.
Factor
Interrupt No.
Interrupt
level
Offset
Default TBR
address
Decimal
Hex.
Reserved for the system
(used by REALOS*)
64
40
2FCH
000FFEFCH
Reserved for the system
(used by REALOS*)
65
41
2F8H
000FFEF8H
Reserved for the system
66
42
2F4H
000FFEF4H
Reserved for the system
67
43
2F0H
000FFEF0H
Reserved for the system
68
44
2ECH
000FFEECH
Reserved for the system
69
45
2E8H
000FFEE8H
Reserved for the system
70
46
2E4H
000FFEE4H
Reserved for the system
71
47
2E0H
000FFEE0H
Reserved for the system
72
48
2DCH
000FFEDCH
Reserved for the system
73
49
2D8H
000FFED8H
Reserved for the system
74
4A
2D4H
000FFED4H
Reserved for the system
75
4B
2D0H
000FFED0H
Reserved for the system
76
4C
2CCH
000FFECCH
Reserved for the system
77
4D
2C8H
000FFEC8H
Reserved for the system
78
4E
2C4H
000FFEC4H
Reserved for the system
79
4F
2C0H
000FFEC0H
Used with the INT instruction
80
to
255
50
to
FF
2BCH
to
000H
000FFEBCH
to
000FFC00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com