Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 91 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 91 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 87Page - fujitsu semiconductor MB91155 Datasheet HTML 88Page - fujitsu semiconductor MB91155 Datasheet HTML 89Page - fujitsu semiconductor MB91155 Datasheet HTML 90Page - fujitsu semiconductor MB91155 Datasheet HTML 91Page - fujitsu semiconductor MB91155 Datasheet HTML 92Page - fujitsu semiconductor MB91155 Datasheet HTML 93Page - fujitsu semiconductor MB91155 Datasheet HTML 94Page - fujitsu semiconductor MB91155 Datasheet HTML 95Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
MB91F155A/MB91155/MB91154
91
(6) External Bus Measurement Conditions
The following conditions apply to items that are not specifically stipulated.
• AC characteristics measurement conditions
VCC : 3.3 V
• Load condition
VIH
Input
Output
VIL
VOH
VOL
VCC
0 V
(The input rise/fall time is less
than 10 ns.)
VIH
2.4 V
VOH
1/2VCC
VIL
0.8 V
VOL
1/2VCC
C
= 50 pF
( VCC : 3.3 V )
Output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com