Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 21Page - fujitsu semiconductor MB91155 Datasheet HTML 22Page - fujitsu semiconductor MB91155 Datasheet HTML 23Page - fujitsu semiconductor MB91155 Datasheet HTML 24Page - fujitsu semiconductor MB91155 Datasheet HTML 25Page - fujitsu semiconductor MB91155 Datasheet HTML 26Page - fujitsu semiconductor MB91155 Datasheet HTML 27Page - fujitsu semiconductor MB91155 Datasheet HTML 28Page - fujitsu semiconductor MB91155 Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 105 page
background image
MB91F155A/MB91155/MB91154
25
[Precautions When Writing to the MODR]
Before writing to the MODR, be sure to set AMD0 through 5 and determine the bus width in each CS (Chip
Select) area.
The MODR does not have bus width setting bits.
The bus width value set with mode pins MD2 through 0 is enabled before writing to the MODR and the bus width
value set with BW1 and 0 of AMD0 through 5 is enabled after writing to the MODR.
For example, the external reset vector is normally executed with area 0 (the area where CS0 is active) and the
bus width at that time is determined by pins MD 2 through 0. Suppose that the bus width is set to 32 or 16 bits
in MD2 though 0 but no value is specified in AMD 0. If the MODR is written in this state, area 0 then switches
to 8-bit bus mode and operates the bus since the initial bus width in AMD0 is set to 8 bits. This causes a
malfunction.
In order to prevent this type of problem, AMD0 through 5 must always be set before writing to the MODR.
Writing to the MODR.
AMD0 to AMD5 BW1, 0
Designated bus width : MD2,1,0
RST (Reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com