Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 15Page - fujitsu semiconductor MB91155 Datasheet HTML 16Page - fujitsu semiconductor MB91155 Datasheet HTML 17Page - fujitsu semiconductor MB91155 Datasheet HTML 18Page - fujitsu semiconductor MB91155 Datasheet HTML 19Page - fujitsu semiconductor MB91155 Datasheet HTML 20Page - fujitsu semiconductor MB91155 Datasheet HTML 21Page - fujitsu semiconductor MB91155 Datasheet HTML 22Page - fujitsu semiconductor MB91155 Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 105 page
background image
MB91F155A/MB91155/MB91154
19
s
s
s
s CPU CORE
1.
Memory Space
The FR family has a logical address space of 4 Gbytes (232 bytes) and the CPU linearly accesses the memory
space.
• Direct addressing area
The following area in the address space is used for I/O.
This area is called direct addressing area and an operand address can be specified directly in an instruction.
The direct addressing area varies with the data size to be accessed as follows :
2.
Memory Map
→ byte data access :
0-0FFH
→ half word data access : 0-1FFH
→ word data access :
0-3FFH
• MB91F155, MB91155 Memory Space
Note : External areas are not accessible in single-chip mode.
0000 0000H
0000 0400H
0000 0800H
0000 1000H
0000 9000H
0001 0000H
FFFF FFFFH
0001 0000H
Direct
addressing
area
See "s I/O MAP"
0008 0000H
0008 0800H
0010 0000H
FFFF FFFFH
I/O
I/O
I/O
I/O
I/O
External ROM-
external bus mode
Internal ROM-
external bus mode
Single-chip mode
I/O
Not accessible
Not accessible
Not accessible
32 KB
internal RAM
32 KB
internal RAM
32 KB
internal RAM
Not accessible
External area
Not accessible
Not accessible
External area
Not accessible
2 KB internal RAM
2 KB internal RAM
510 KB
internal ROM
510 KB
internal ROM
External area
Not accessible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com