Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 73 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 73 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 69Page - fujitsu semiconductor MB91155 Datasheet HTML 70Page - fujitsu semiconductor MB91155 Datasheet HTML 71Page - fujitsu semiconductor MB91155 Datasheet HTML 72Page - fujitsu semiconductor MB91155 Datasheet HTML 73Page - fujitsu semiconductor MB91155 Datasheet HTML 74Page - fujitsu semiconductor MB91155 Datasheet HTML 75Page - fujitsu semiconductor MB91155 Datasheet HTML 76Page - fujitsu semiconductor MB91155 Datasheet HTML 77Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 105 page
background image
MB91F155A/MB91155/MB91154
73
• Sector Address Table
•Registers
FLCR : Status register (CPU mode)
This register indicates the FLASH memory operating status. The register controls interrupts to the CPU as well
as writing to the FLASH memory.
This register is accessible only in CPU mode. Do not access this register with read modify write instructions.
FWTC : Wait register
This register controls waiting for the FLASH memory in CPU mode.
The register also controls accessing to read from the FLASH memory (33 MHz operations) at high speeds.
Sector address
Address range
Corresponding bit
positions
Sector capacity
SA7
080802, 3H to 09FFFE, FH (16 bits on LSB side)
bit15 to 0
64 Kbyte
SA8
0A0002, 3H to 0BFFFE, FH (16 bits on LSB side)
bit15 to 0
64 Kbyte
SA9
0C0002, 3H to 0DFFFE, FH (16 bits on LSB side)
bit15 to 0
64 Kbyte
SA10
0E0002, 3H to 0EFFFE, FH (16 bits on LSB side)
bit15 to 0
32 Kbyte
SA11
0F0002, 3H to 0F3FFE, FH (16 bits on LSB side)
bit15 to 0
8 Kbyte
SA12
0F4002, 3H to 0F7FFE, FH (16 bits on LSB side)
bit15 to 0
8 Kbyte
SA13
0F8002, 3H to 0FFFFE, FH (16 bits on LSB side)
bit15 to 0
16 Kbyte
SA0
080800, 1H to 09FFFC, DH (16 bits on MSB side)
bit31 to 16
64 Kbyte
SA1
0A0000, 1H to 0BFFFC, DH (16 bits on MSB side)
bit31 to 16
64 Kbyte
SA2
0C0000, 1H to 0DFFFC, DH (16 bits on MSB side)
bit31 to 16
64 Kbyte
SA3
0E0000, 1H to 0EFFFC, DH (16 bits on MSB side)
bit31 to 16
32 Kbyte
SA4
0F0000, 1H to 0F3FFC, DH (16 bits on MSB side)
bit31 to 16
8 Kbyte
SA5
0F4000, 1H to 0F7FFC, DH (16 bits on MSB side)
bit31 to 16
8 Kbyte
SA6
0F8000, 1H to 0FFFFC, DH (16 bits on MSB side)
bit31 to 16
16 Kbyte
R/W
( 0 )
R/W
( 0 )
R
( X )
( X )
( X )
( X )
R/W
( 0 )
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
RDYINT
R/W
( 0 )
INTE
WE
RDY

LPM
0007C0H
R/W : Read/Write enabled, R : Read only,
 : Not in use, X : Undefined
(
 )
(
 )
(
 )
(
 )
W
( 0 )
R/W
( 0 )
R/W
( 0 )
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
(
 )

FACH
WTC1
WTC0
0007C4H
R/W : Read/Write enabled, W : Write only,
 : Not in use, X : Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com