Electronic Components Datasheet Search
  English  ▼

X  

MB91155 Datasheet(PDF) 90 Page - fujitsu semiconductor

Part # MB91155
Description  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 90 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 86Page - fujitsu semiconductor MB91155 Datasheet HTML 87Page - fujitsu semiconductor MB91155 Datasheet HTML 88Page - fujitsu semiconductor MB91155 Datasheet HTML 89Page - fujitsu semiconductor MB91155 Datasheet HTML 90Page - fujitsu semiconductor MB91155 Datasheet HTML 91Page - fujitsu semiconductor MB91155 Datasheet HTML 92Page - fujitsu semiconductor MB91155 Datasheet HTML 93Page - fujitsu semiconductor MB91155 Datasheet HTML 94Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 105 page
background image
MB91F155A/MB91155/MB91154
90
(5) Serial I/O (CH0-4)
(VCC
= 3.15 V to 3.6 V, VSS = AVSS = 0 V, TA = 0 °C to +70 °C)
Parameter
Symbol
Pin
name
Condition
Value
Unit Remarks
Min
Max
Serial clock cycle time
tSCYC
Internal
clock
8 tCPP
ns
SCK
↓ → SO delay time
tSLOV
−10
50
ns
Valid SI
→ SCK ↑
tIVSH
50
ns
SCK
↑ → valid SI hold time
tSHIX
50
ns
Serial clock “H” pulse width
tSHSL
External
clock
4 tCPP
− 10
ns
Serial clock “L” pulse width
tSLSH
4 tCPP
− 10
ns
SCK
↓ → SO delay time
tSLOV
050
ns
Valid SI
→ SCK ↑
tIVSH
50
ns
SCK
↑ → valid SI hold time
tSHIX
50
ns
Serial busy period
tBUSY

6 tCPP
ns
SCS
↓ → SCK and SO delay time
tCLZO

50
ns
SCS
↓ → SCK input mask time
tCLSL

3 tCPP
ns
SCS
↑ → SCK and SO Hi-Z time
tCHOZ
50
ns
SCK
SO
SI
tSHIX
tIVSH
tSLOV
tSCYC
SCK
SO
SI
SCS
tCHOZ
tBUSY
tCLSL
tIVSH
tSHIX
tSLOV
tSLSH
tCLZO
tSHSL
Internal shift clock mode
External shift clock mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com